Part Number Hot Search : 
E002625 GBU10 LM3S196 0N60C FX216C KBPC3508 1102A CM1582D
Product Description
Full Text Search
 

To Download LFCN-320 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ceramic
Low Pass Filter
DC to 320 MHz
Maximum Ratings
Operating Temperature Storage Temperature RF Power Input* DC Current Input to Output -55C to 100C -55C to 100C 8.5W max. at 25C 0.5A max. at 25C
! NEW
LFCN-320
Features
* * * * * * * * * excellent power handling, 8.5W small size 7 sections temperature stable patent pending harmonic rejection VHF/UHF transmitters/receivers RF suppression for DC lines on PCB anti-aliasing for A/D converter
CASE STYLE: FV1206 Model LFCN-320 LFCN-320D Price $2.99 $3.49 Qty. (10-49) (10-49)
*Passband rating, derate linearly to 3.5W at 100C ambient.
Applications
Pin Connections
RF IN RF OUT GROUND
** RF IN & RF OUT can be interchanged
1** 3** 2,4
Low Pass Filter Electrical Specifications1 (TAMB=25C)
MODEL NO. PASSBAND (MHz)
(loss < 1 dB) Max. LFCN-320 DC-320
Outline Drawing
fco, MHz Nom.
(loss 3 dB) Typ. 460
STOP BAND (MHz) (loss, dB)
f 20 Min. 560 40 Typ. 640-2500 fr 20 Typ. 5300
VSWR (:1)
Stopband Typ. 20 Passband Typ. 1.2
NO. OF SECTIONS
7
1. For Applications requiring DC voltage to be applied to the Input or output, use LFCN-320D (DC Resistance to ground is 100 Mohms min.)
typical frequency response
ATTENUATION (dB)
40dB 20dB
schematic
RF IN RF OUT
3dB 1dB f co f 20 FREQUENCY fR 20 dB
Typical Performance Data at 25C
Frequency (MHz)
1.00 100.00 320.00 350.00 460.00 550.00 640.00 1000.00 1500.00 2500.00 3500.00 4000.00 4500.00 5000.00 5500.00
LFCN-320 INSERTION LOSS 80 70
INSERTION LOSS (dB)
Insertion Loss (dB)
0.09 0.36 0.79 .94 2.72 24.34 44.80 49.75 66.15 41.71 30.04 26.30 23.26 21.80 20.10
LFCN-320 VSWR 1000
VSWR (:1)
1.02 1.04 1.17 1.27 2.20 12.26 19.98 54.29 72.39 59.91 51.10 33.42 20.45 26.33 19.32
Outline Dimensions ( inch ) mm
A .126 3.20 J .024 0.61 B .063 1.60 K .122 3.10 C .039 0.99 L .024 0.61 D .020 0.51 M .087 2.21 E .032 0.81 N .012 0.30 F .009 0.23 G .169 4.29 H .087 2.21 P wt. .071 grams 1.80 .020
Demo Board MCL P/N: TB-270 Suggested PCB Layout (PL-137)
60 50 40 30 10 20 10 0 0 1000 2000 3000 4000 5000 6000 FREQUENCY (MHz) 1 0 1000 2000 3000 4000 5000 6000 FREQUENCY (MHz)
VSWR
100
designers kit available
Kit No.
K1-LFCN
No. of Units in Kit
35
Description
5 of each: LFCN-225, -320, -400, -490, -530, -575, -630
Price $ per Kit
99.95
REV. C M96263 LFCN-320 EDR-6588/2 RVN/AD/CP 050113
Mini-Circuits
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
Mini-Circuits ISO 9001 & ISO 14001 Certified


▲Up To Search▲   

 
Price & Availability of LFCN-320

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X